Part Number Hot Search : 
1N6173 V0DS00 IP317G C100LV TB310 LS100 31N20 MCR03
Product Description
Full Text Search
 

To Download RK3S1P5CFAAN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Rocker Switches
21 x 15 mm SP illuminated Rocker Switches
2.00 19.00 12.20
RK3 Series
21.0
-
15.000.10
20.70
13.70
14.00
RK3S3
Indicator Light
TERMINAL
P 4.8mm TAB, 0.8mm THICK, O1.6mm
ACTUATOR
4 Curve (No Illuminated)
ACTUATOR MARKING
A (No Marking) OFF ON B E D
7.00
O1.6
O1.4
Q 4.8mm TAB, 0.8mm THICK, O1.4mm
5 Curve (Illuminated)
C
F
X (Panal thickness) 0.75 to 1.25 mm L 2.9mm TAB, 0.8mm THICK 6 Flat 1.25 to 2 mm 2 to 3 mm
Dimension Y 19.20 +0.1/-0 mm 19.40 +0.1/-0 mm 19.80 +0.1/-0 mm
How to order:
General Specifications:
3 4 5 6 7 8 9
RK3
S 1 2 3 P
3 1 2
1
2
POLES: Single Pole SWITCHING: ON - OFF ON - ON Indicator Light TERMINAL (See above drawings): 4.8mm TAB, 0.8mm Thick, O1.6mm (RK3S3 Only) 4.8mm TAB, 0.8mm Thick, O1.4mm (RK3S1 & RK3S2 Only) 2.9mm TAB, 0.8mm THICK (RK3S1 & RK3S2 Only) ACTUATOR (See above drawings): Curve (No Illuminated) (RK3S1 & RK3S2 Only) Curve (Illuminated) (RK3S1 & RK3S2 Only) Flat (RK3S3 Only) ACTUATOR MARKING: See above drawings See above drawings See above drawings
D E F N F C G D A H B A H B C
6
See above drawings See above drawings See above drawings ILLUMINATION: No Illuminated Green Red Blue (RK3S3 Only) Orange BASE COLOR: Black Grey White ACTUATOR COLOR: Black Grey White Red WATERPROOF COVER: None Cover (Standard) With Waterproof Cover
FEATURES Single pole Rocker switch up to 20A 125VAC MATERIALS Contact Arm: Silver cadmium alloy Terminal: Silver plated copper Spring: Piano wire MECHANICAL Temperature Range: -20C to +125C ELECTRICAL Electrical Life: 10,000 cycles Rating: 20A125VAC, 12A250VAC 10A125VAC, 6A250VAC 6A125VAC, 3A250VAC 6A250VAC 10(4)A250VAC~T125 Initial Contact Resistance: 20m max. Insulation Resistance: 100M min. at 500VDC
Q L
4
7
4 5 6
8
A B C
5
N W
9
B03
sales@greatecs.com
www.greatecs.com
Z
Rocker Switches
17.40
15.0
14.1
CIRCUIT
+
7.00
RK3S1
ON-OFF Switching
RK3S2
ON-ON Switching
21.0
19.00
0.30
100K 1/4W
CIRCUIT
PANEL SIZE
PANEL CUT-OUT Snap-in mounting Y
LO
HI Dimension Z 12.90 +0.15/-0 mm 12.90 +0.15/-0 mm 12.90 +0.15/-0 mm


▲Up To Search▲   

 
Price & Availability of RK3S1P5CFAAN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X